Part Number Hot Search : 
SMCJ48 N411043 MP1591DN MA152WA MP144350 3362R504 DS3142 SRA2210S
Product Description
Full Text Search
 

To Download SMA5113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOS FET Array SMA5113
Absolute Maximum Ratings (Ta=25C)
Symbol VDSS VGSS ID ID (pulse) *1 PT EAS *2 IAS
j-a j-c
Electrical Characteristics
Symbol V(BR) DSS IGSS IDSS VTH Re (yfs) RDS (ON) Ciss Coss Crss td (on) tr td (off) tf VSD Test Conditions ID = 100A, VGS = 0V VGS = 30V VDS = 450V, VGS = 0V VDS = 10V, ID = 1mA VDS = 20V, ID = 3.5A VGS = 10V, ID = 3.5A VDS = 10V f = 1.0MHz VGS = 0V ID = 3.5A VDD 200V RL = 57 VGS = 10V RG = 50 ISD = 7A, VGS = 0V min 450 100 100 4.0 5.0 0.84 720 150 65 25 40 70 50 1.0 1.1 Ratings typ max
(Ta=25C) Unit V nA A V S pF pF pF ns ns ns ns V
External Dimensions SMA (LF1000)
10.20.2
Ratings 450 30 7 28
4 (Ta=25C, All circuits operate, No Fin) 35 (Tc=25C, All circuits operate, Fin)
Unit V V A A W W mJ A C/W C/W
31.00.2
4.00.2 2.50.2
b 2.4 a
30
2.0 3.5
130 7 31.2 3.57
Junction - Ambientare, Ta=25C, All circuits operate Junction - Case, Ta=25C, All circuits operate
(10.4)
1.210.15 1.460.15 0.85 -0.1 11* P2.540.1= 27.94
+0.2 +0.2
0.55 -0.1
1.20.1
31.5 max
C 150 C -55 to +150 *1 PW 100s, duty 1% *2 VDD = 30V, L = 5mH, IL = 7A, unclamped, RG = 50
Tch Tstg
1 2 3 4 5 6 7 8 9 10 11 12
1.5
a) Type No. b) Lot No. (Unit: mm)
s ID -- VDS Characteristics
7
10V 5.5V
s ID -- VGS Characteristics
7 6 5
VDS = 20V
s RDS (on) -- ID Characteristics
1.5
VGS = 10V
6 5
ID (A)
5V
ID (A)
4 3 2 1 0
VGS = 4.5V
4 3 2 1 0
Ta = -55C 25C 150C
RDS (on) ()
1.0
0.5
0
5
10
15
20
0
2
4
6
8
10
0
0
1
2
3
4
5
6
7
VDS (V)
VGS (V)
ID (A)
s RDS (on) -- TC Characteristics
2.5
VGS = 10V ID = 3.5A
s Re (yfs) -- ID Characteristics
100
VDS = 20V
s IDR -- VSD Characteristics
7
VGS = 0V
2.0
50
6 5
RDS (on) ()
1.0
10
Ta = -55C 25C 150C
IDR (A)
7
1.5
Re (yfs) (S)
4 3 2 1
0.5
5
0 -50 0 50 100 150
2 0.05 0.1
0.5
1
0
0
0.2
0.4
0.6
0.8
1.0
Tc (C)
ID (A)
VSD (V)
s Capacitance -- VDS Characteristics
1000
Ciss
s Safe Operating Area (single pulse)
50
ID (pulse) max
(Ta = 25C)
Equivalent Circuit Diagram
500
Capacitance (pF)
10
VGS = 0V f = 1MHz
10 ID (DC) max 5
RD
S
n) (o
M LI
IT
ED
1m
10
0 s
3 6 7 10
s
ID (A)
10
1 0.5
m
s
1 4 8 11
0m
100 50
s
Coss
2
5
9
12
Crss
0.1 20 0 10 20 30 40 50 0.05 3 5 10 50 100 500
VDS (V)
VDS (V)
81


▲Up To Search▲   

 
Price & Availability of SMA5113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X